Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 350 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 350 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 346Page - ATMEL Corporation ATMEGA48 Datasheet HTML 347Page - ATMEL Corporation ATMEGA48 Datasheet HTML 348Page - ATMEL Corporation ATMEGA48 Datasheet HTML 349Page - ATMEL Corporation ATMEGA48 Datasheet HTML 350Page - ATMEL Corporation ATMEGA48 Datasheet HTML 351Page - ATMEL Corporation ATMEGA48 Datasheet HTML 352Page - ATMEL Corporation ATMEGA48 Datasheet HTML 353Page - ATMEL Corporation ATMEGA48 Datasheet HTML 354Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 374 page
background image
350
2545J–AVR–12/06
ATmega48/88/168
31.2
ATmega88
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive).Also Halide free and fully Green.
3. See Figure 27-1 on page 305 and Figure 27-2 on page 305.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operational Range
10(3)
1.8 - 5.5
ATmega88V-10AI
ATmega88V-10MI
ATmega88V-10PI
ATmega88V-10AU(2)
ATmega88V-10MU(2)
ATmega88V-10PU(2)
32A
32M1-A
28P3
32A
32M1-A
28P3
Industrial
(-40°C to 85°C)
20(3)
2.7 - 5.5
ATmega88-20AI
ATmega88-20MI
ATmega88-20PI
ATmega88-20AU(2)
ATmega88-20MU(2)
ATmega88-20PU(2)
32A
32M1-A
28P3
32A
32M1-A
28P3
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com