Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 65Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 66Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 67Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 68Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 69Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 70Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 71Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 375 page
background image
69
ATmega329/3210/649/6410
2552H–AVR–11/06
PCINT15, Pin Change Interrupt source 15: The PB7 pin can serve as an external inter-
rupt source.
• OC1B/PCINT14, Bit 6
OC1B, Output Compare Match B output: The PB6 pin can serve as an external output
for the Timer/Counter1 Output Compare B. The pin has to be configured as an output
(DDB6 set (one)) to serve this function. The OC1B pin is also the output pin for the PWM
mode timer function.
PCINT14, Pin Change Interrupt Source 14: The PB6 pin can serve as an external inter-
rupt source.
• OC1A/PCINT13, Bit 5
OC1A, Output Compare Match A output: The PB5 pin can serve as an external output
for the Timer/Counter1 Output Compare A. The pin has to be configured as an output
(DDB5 set (one)) to serve this function. The OC1A pin is also the output pin for the PWM
mode timer function.
PCINT13, Pin Change Interrupt Source 13: The PB5 pin can serve as an external inter-
rupt source.
• OC0A/PCINT12, Bit 4
OC0A, Output Compare Match A output: The PB4 pin can serve as an external output
for the Timer/Counter0 Output Compare A. The pin has to be configured as an output
(DDB4 set (one)) to serve this function. The OC0A pin is also the output pin for the PWM
mode timer function.
PCINT12, Pin Change Interrupt Source 12: The PB4 pin can serve as an external inter-
rupt source.
• MISO/PCINT11 – Port B, Bit 3
MISO: Master Data input, Slave Data output pin for SPI. When the SPI is enabled as a
Master, this pin is configured as an input regardless of the setting of DDB3. When the
SPI is enabled as a Slave, the data direction of this pin is controlled by DDB3. When the
pin is forced to be an input, the pull-up can still be controlled by the PORTB3 bit.
PCINT11, Pin Change Interrupt Source 11: The PB3 pin can serve as an external inter-
rupt source.
• MOSI/PCINT10 – Port B, Bit 2
MOSI: SPI Master Data output, Slave Data input for SPI. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB2. When the SPI
is enabled as a Master, the data direction of this pin is controlled by DDB2. When the pin
is forced to be an input, the pull-up can still be controlled by the PORTB2 bit.
PCINT10, Pin Change Interrupt Source 10: The PB2 pin can serve as an external inter-
rupt source.
• SCK/PCINT9 – Port B, Bit 1
SCK: Master Clock output, Slave Clock input pin for SPI. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB1. When the SPI
is enabled as a Master, the data direction of this pin is controlled by DDB1. When the pin
is forced to be an input, the pull-up can still be controlled by the PORTB1 bit.
PCINT9, Pin Change Interrupt Source 9: The PB1 pin can serve as an external interrupt
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com