Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 39Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 40Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 41Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 42Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 43Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 44Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 45Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 46Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 375 page
background image
43
ATmega329/3290/649/6490
2552H–AVR–11/06
teresis to ensure spike free Brown-out Detection. The hysteresis on the detection level
should be interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Note:
1. VBOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to VCC = VBOT during the
production test. This guarantees that a Brown-Out Reset will occur before V
CC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
The test is performed using BODLEVEL = 10 for ATmega329/3290/649/6490V and
BODLEVEL = 01 for ATmega329/3290/649/6490L.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT-
in Figure 19), the Brown-out Reset is immediately activated. When V
CC increases above
the trigger level (V
BOT+ in Figure 19), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level
for longer than t
BOD given in Table 16.
Figure 19. Brown-out Reset During Operation
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle dura-
tion. On the falling edge of this pulse, the delay timer starts counting the Time-out period
t
TOUT. Refer to page 45 for details on operation of the Watchdog Timer.
Table 17. BODLEVEL Fuse Coding
(1)
BODLEVEL 2:0 Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
11
BOD Disabled
10
1.8
V
01
2.7
00
4.3
Table 18. Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
V
HYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
2
µs
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com