Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 79Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 80Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 375 page
background image
77
ATmega329/3210/649/6410
2552H–AVR–11/06
Note:
1. AIN0D and AIN1D is described in “DIDR1 – Digital Input Disable Register 1” on page
202.
Alternate Functions of Port F
The Port F has an alternate function as analog input for the ADC as shown in Table 42.
If some Port F pins are configured as outputs, it is essential that these do not switch
when a conversion is in progress. This might corrupt the result of the conversion. If the
JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS) and
PF4(TCK) will be activated even if a reset occurs.
• TDI, ADC7 – Port F, Bit 7
ADC7, Analog to Digital Converter, Channel 7.
TDI, JTAG Test Data In: Serial input data to be shifted in to the Instruction Register or
Data Register (scan chains). When the JTAG interface is enabled, this pin can not be
used as an I/O pin.
Table 41. Overriding Signals for Alternate Functions in PE3:PE0
Signal
Name
PE3/AIN1/
PCINT3
PE2/XCK/AIN0/
PCINT2
PE1/TXD/
PCINT1
PE0/RXD/PCINT
0
PUOE
0
XCK OUTPUT
ENABLE
TXEN
RXEN
PUOV
0
XCK
0
PORTE0 • PUD
DDOE
0
0
TXEN
RXEN
DDOV
0
0
1
0
PVOE
0
0
TXEN
0
PVOV
0
0
TXD
0
PTOE
–––
–
DIEOE
(PCINT3 •
PCIE0) +
AIN1D(1)
(PCINT2 •
PCIE0) +
AIN0D(1)
PCINT1 • PCIE0
PCINT0 • PCIE0
DIEOV
PCINT3 • PCIE0
PCINT2 • PCIE0
1
1
DI
PCINT3 INPUT
XCK/PCINT2
INPUT
PCINT1 INPUT
RXD/PCINT0
INPUT
AIO
AIN1 INPUT
AIN0 INPUT
–
–
Table 42. Port F Pins Alternate Functions
Port Pin
Alternate Function
PF7
ADC7/TDI (ADC input channel 7 or JTAG Test Data Input)
PF6
ADC6/TDO (ADC input channel 6 or JTAG Test Data Output)
PF5
ADC5/TMS (ADC input channel 5 or JTAG Test mode Select)
PF4
ADC4/TCK (ADC input channel 4 or JTAG Test ClocK)
PF3
ADC3 (ADC input channel 3)
PF2
ADC2 (ADC input channel 2)
PF1
ADC1 (ADC input channel 1)
PF0
ADC0 (ADC input channel 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com