Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 35Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 36Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 37Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 38Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 375 page
background image
35
ATmega329/3290/649/6490
2552H–AVR–11/06
The LCD controller and Timer/Counter2 can be clocked both synchronously and asyn-
chronously in Power-save mode. The clock source for the two modules can be selected
independent of each other. If neither the LCD controller nor the Timer/Counter2 is using
the asynchronous clock, the Timer/Counter Oscillator is stopped during sleep. If neither
the LCD controller nor the Timer/Counter2 is using the synchronous clock, the clock
source is stopped during sleep. Note that even if the synchronous clock is running in
Power-save, this clock is only available for the LCD controller and Timer/Counter2.
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Power Reduction
Register
The Power Reduction Register (PRR), see “PRR – Power Reduction Register” on page
38, provides a method to stop the clock to individual peripherals to reduce power con-
sumption. The current state of the peripheral is frozen and the I/O registers inaccessible.
Resources used by the peripheral when stopping the clock will remain occupied so the
peripheral should be disabled before stopping the clock. Waking up a module, which is
done by clearing the bit in PRR, puts the module in the same state as before shutdown.
Module shutdown can be used in IDLE mode and active mode to reduce the overall
power consumption. In all other sleep modes, the clock is already stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com