Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 29Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 30Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 35Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 36Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 375 page
background image
33
ATmega329/3290/649/6490
2552H–AVR–11/06
Power Management
and Sleep Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby
saving power. The AVR provides various sleep modes allowing the user to tailor the
power consumption to the application’s requirements.
To enter any of the five sleep modes, the SE bit in SMCR must be written to logic one
and a SLEEP instruction must be executed, see “SMCR – Sleep Mode Control Register”
on page 38. The SM2, SM1, and SM0 bits in the SMCR Register select which sleep
mode (Idle, ADC Noise Reduction, Power-down, Power-save, or Standby) will be acti-
vated by the SLEEP instruction. See Table 14 on page 33 for a summary. If an enabled
interrupt occurs while the MCU is in a sleep mode, the MCU wakes up. The MCU is then
halted for four cycles in addition to the start-up time, executes the interrupt routine, and
resumes execution from the instruction following SLEEP. The contents of the Register
File and SRAM are unaltered when the device wakes up from sleep. If a reset occurs
during sleep mode, the MCU wakes up and executes from the Reset Vector.
Fi gure 12 on page 25 presents the different clock systems in t h e
ATmega329/3290/649/6490, and their distribution. The figure is helpful in selecting an
appropriate sleep mode.
Notes:
1. Only recommended with external crystal or resonator selected as clock source.
2. If either LCD controller or Timer/Counter2 is running in asynchronous mode.
3. For INT0, only level interrupt.
Table 14. Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock Domains
Oscillators
Wake-up Sources
Sleep
Mode
Idle
X
X
X
X
X(2)
XX
X
X
X
X
X
ADC
Noise
Reduction
X
X
X
X(2)
X(3)
XX(2)
X(2)
XX
Power-
down
X(3)
X
Power-
save
X
X(2)
X(3)
XX
X
Standby(1)
XX(3)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com