Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 27Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 28Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 29Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 30Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 375 page
background image
31
ATmega329/3290/649/6490
2552H–AVR–11/06
Clock Output Buffer
When the CKOUT Fuse is programmed, the system Clock will be output on CLKO. This
mode is suitable when the chip clock is used to drive other circuits on the system. The
clock will be output also during reset and the normal operation of I/O pin will be overrid-
den when the fuse is programmed. Any clock source, including internal RC Oscillator,
can be selected when CLKO serves as clock output. If the System Clock Prescaler is
used, it is the divided system clock that is output when the CKOUT Fuse is
programmed.
Timer/Counter Oscillator
ATmega329/3290/649/6490 share the Timer/Counter Oscillator Pins (TOSC1 and
TOSC2) with XTAL1 and XTAL2. This means that the Timer/Counter Oscillator can only
be used when the calibrated internal RC Oscillator is selected as system clock source.
The Oscillator is optimized for use with a 32.768 kHz watch crystal. See Figure 13 on
page 27 for crystal connection.
Applying an external clock source to TOSC1 can be done if EXTCLK in the ASSR Reg-
ister is written to logic one. See “Asynchronous operation of the Timer/Counter” on page
147 for further description on selecting external clock as input instead of a 32 kHz
crystal.
System Clock Prescaler
The ATmega329/3290/649/6490 system clock can be divided by setting the Clock Pres-
cale Register – CLKPR. This feature can be used to decrease power consumption when
the requirement for processing power is low. This can be used with all clock source
options, and it will affect the clock frequency of the CPU and all synchronous peripher-
als. clk
I/O, clkADC, clkCPU, and clkFLASH are divided by a factor as shown in Table 13.
CLKPR – Clock Prescale
Register
• Bit 7 – CLKPCE: Clock Prescaler Change Enable
The CLKPCE bit must be written to logic one to enable change of the CLKPS bits. The
CLKPCE bit is only updated when the other bits in CLKPR are simultaneously written to
zero. CLKPCE is cleared by hardware four cycles after it is written or when CLKPS bits
are written. Rewriting the CLKPCE bit within this time-out period does neither extend the
time-out period, nor clear the CLKPCE bit.
• Bits 3:0 – CLKPS3:0: Clock Prescaler Select Bits 3 - 0
These bits define the division factor between the selected clock source and the internal
system clock. These bits can be written run-time to vary the clock frequency to suit the
application requirements. As the divider divides the master clock input to the MCU, the
speed of all synchronous peripherals is reduced when a division factor is used. The divi-
sion factors are given in Table 13.
To avoid unintentional changes of clock frequency, a special write procedure must be
followed to change the CLKPS bits:
1.
Write the Clock Prescaler Change Enable (CLKPCE) bit to one and all other bits
in CLKPR to zero.
2.
Within four cycles, write the desired value to CLKPS while writing a zero to
CLKPCE.
Interrupts must be disabled when changing prescaler setting to make sure the write pro-
cedure is not interrupted.
Bit
7
6
5
4
3
210
(0x61)
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
CLKPR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com