Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 3Page - ATMEL Corporation ATMEGA640V Datasheet HTML 4Page - ATMEL Corporation ATMEGA640V Datasheet HTML 5Page - ATMEL Corporation ATMEGA640V Datasheet HTML 6Page - ATMEL Corporation ATMEGA640V Datasheet HTML 7Page - ATMEL Corporation ATMEGA640V Datasheet HTML 8Page - ATMEL Corporation ATMEGA640V Datasheet HTML 9Page - ATMEL Corporation ATMEGA640V Datasheet HTML 10Page - ATMEL Corporation ATMEGA640V Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 449 page
background image
7
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Comparison Between ATmega1281/2561 and ATmega640/1280/2560
Each device in the ATmega640/1280/1281/2560/2561 family differs only in memory size
and number of pins. Table 2 summarizes the different configurations for the six devices.
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port A output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port A pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Por t A also ser v es the fu nctio n s of va r i ou s sp ecia l f e a t ur es of t h e
ATmega640/1280/1281/2560/2561 as listed on page 91.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port B has better driving capabilities than the other ports.
Por t B also ser v es the fu nctio n s of va r i ou s sp ecia l f e a t ur es of t h e
ATmega640/1280/1281/2560/2561 as listed on page 92.
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port C output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port C pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Po rt
C
al so
ser v e s
t h e
f u nct i o n s
o f
sp ecia l
f e at u r e s
of
t h e
ATmega640/1280/1281/2560/2561 as listed on page 95.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port D output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port D pins that are externally pulled low will source
Table 2. Configuration Summary
Device
Flash
EEPROM
RAM
General
Purpose I/O pins
16 bits resolution
PWM channels
Serial
USARTs
ADC
Channels
ATmega640
64KB
4KB
8KB
86
12
4
16
ATmega1280
128KB
4KB
8KB
86
12
4
16
ATmega1281
128KB
4KB
8KB
54
6
2
8
ATmega2560
256KB
4KB
8KB
86
12
4
16
ATmega2561
256KB
4KB
8KB
54
6
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com