Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 24Page - ATMEL Corporation ATMEGA640V Datasheet HTML 25Page - ATMEL Corporation ATMEGA640V Datasheet HTML 26Page - ATMEL Corporation ATMEGA640V Datasheet HTML 27Page - ATMEL Corporation ATMEGA640V Datasheet HTML 28Page - ATMEL Corporation ATMEGA640V Datasheet HTML 29Page - ATMEL Corporation ATMEGA640V Datasheet HTML 30Page - ATMEL Corporation ATMEGA640V Datasheet HTML 31Page - ATMEL Corporation ATMEGA640V Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 449 page
background image
28
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Pull-up and Bus-keeper
The pull-ups on the AD7:0 ports may be activated if the corresponding Port register is
written to one. To reduce power consumption in sleep mode, it is recommended to dis-
able the pull-ups by writing the Port register to zero before entering sleep.
The XMEM interface also provides a bus-keeper on the AD7:0 lines. The bus-keeper
can be disabled and enabled in software as described in “XMCRB – External Memory
Control Register B” on page 36. When enabled, the bus-keeper will keep the previous
value on the AD7:0 bus while these lines are tri-stated by the XMEM interface.
Timing
External Memory devices have different timing requirements. To meet these require-
ments, the XMEM interface provides four different wait-states as shown in Table 8. It is
important to consider the timing specification of the External Memory device before
selecting the wait-state. The most important parameters are the access time for the
external memory compared to the set-up requirement. The access time for the External
Memory is defined to be the time from receiving the chip select/address until the data of
this address actually is driven on the bus. The access time cannot exceed the time from
the ALE pulse must be asserted low until data is stable during a read sequence (See
t
LLRL+ tRLRH - tDVRH in Tables 173 through Tables 180 on pages 385 - 387). The different
wait-states are set up in software. As an additional feature, it is possible to divide the
external memory space in two sectors with individual wait-state settings. This makes it
possible to connect two different memory devices with different timing requirements to
the same XMEM interface. For XMEM interface timing details, please refer to Table 173
to Table 180 and Figure 163 to Figure 166 in the “External Data Memory Timing” on
page 385.
Note that the XMEM interface is asynchronous and that the waveforms in the following
figures are related to the internal system clock. The skew between the internal and
external clock (XTAL1) is not guarantied (varies between devices temperature, and sup-
ply voltage). Consequently, the XMEM interface is not suited for synchronous operation.
Figure 15. External Data Memory Cycles without Wait-state (SRWn1=0 and SRWn0=0)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper
sector) or SRW00 (lower sector). The ALE pulse in period T4 is only present if the
next instruction accesses the RAM (internal or external).
ALE
T1
T2
T3
WR
T4
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
XXXXX
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com