Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 26Page - ATMEL Corporation ATMEGA640V Datasheet HTML 27Page - ATMEL Corporation ATMEGA640V Datasheet HTML 28Page - ATMEL Corporation ATMEGA640V Datasheet HTML 29Page - ATMEL Corporation ATMEGA640V Datasheet HTML 30Page - ATMEL Corporation ATMEGA640V Datasheet HTML 31Page - ATMEL Corporation ATMEGA640V Datasheet HTML 32Page - ATMEL Corporation ATMEGA640V Datasheet HTML 33Page - ATMEL Corporation ATMEGA640V Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 449 page
background image
30
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Figure 18. External Data Memory Cycles with SRWn1 = 1 and SRWn0 = 1
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper
sector) or SRW00 (lower sector).
The ALE pulse in period T7 is only present if the next instruction accesses the RAM
(internal or external).
Using all Locations of
External Memory Smaller than
64 KB
Since the external memory is mapped after the internal memory as shown in Figure 13,
the external memory is not addressed when addressing the first 8,704 bytes of data
space. It may appear that the first 8,704 bytes of the external memory are inaccessible
(external memory addresses 0x0000 to 0x21FF). However, when connecting an exter-
nal memory smaller than 64 KB, for example 32 KB, these locations are easily accessed
simply by addressing from address 0x8000 to 0xA1FF. Since the External Memory
Address bit A15 is not connected to the external memory, addresses 0x8000 to 0xA1FF
will appear as addresses 0x0000 to 0x21FF for the external memory. Addressing above
address 0xA1FF is not recommended, since this will address an external memory loca-
tion that is already accessed by another (lower) address. To the Application software,
the external 32 KB memory will appear as one linear 32 KB address space from 0x2200
to 0xA1FF. This is illustrated in Figure 19.
Figure 19. Address Map with 32 KB External Memory
ALE
T1
T2
T3
WR
T7
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
T4
T5
T6
0x0000
0x21FF
0x2200
0x7FFF
0x8000
0x90FF
0x9100
0x0000
0x7FFF
Internal Memory
AVR Memory Map
External 32K SRAM
External
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com