Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 48Page - ATMEL Corporation ATMEGA640V Datasheet HTML 49Page - ATMEL Corporation ATMEGA640V Datasheet HTML 50Page - ATMEL Corporation ATMEGA640V Datasheet HTML 51Page - ATMEL Corporation ATMEGA640V Datasheet HTML 52Page - ATMEL Corporation ATMEGA640V Datasheet HTML 53Page - ATMEL Corporation ATMEGA640V Datasheet HTML 54Page - ATMEL Corporation ATMEGA640V Datasheet HTML 55Page - ATMEL Corporation ATMEGA640V Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 449 page
background image
52
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
The Timer/Counter2 can be clocked both synchronously and asynchronously in Power-
save mode. If the Timer/Counter2 is not using the asynchronous clock, the
Timer/Counter Oscillator is stopped during sleep. If the Timer/Counter2 is not using the
synchronous clock, the clock source is stopped during sleep. Note that even if the syn-
chronous clock is running in Power-save, this clock is only available for the
Timer/Counter2.
Standby Mode
When the SM2:0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Extended Standby Mode
When the SM2:0 bits are 111 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Extended Standby mode. This mode is
identical to Power-save mode with the exception that the Oscillator is kept running.
From Extended Standby mode, the device wakes up in six clock cycles.Power Reduc-
tion Register
The Power Reduction Register (PRR), see “PRR0 – Power Reduction Register 0” on
page 55 and “PRR1 – Power Reduction Register 1” on page 56, provides a method to
stop the clock to individual peripherals to reduce power consumption. The current state
of the peripheral is frozen and the I/O registers can not be read or written. Resources
used by the peripheral when stopping the clock will remain occupied, hence the periph-
eral should in most cases be disabled before stopping the clock. Waking up a module,
which is done by clearing the bit in PRR, puts the module in the same state as before
shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the
overall power consumption. See “Supply Current of IO modules” on page 395 for exam-
ples. In all other sleep modes, the clock is already stopped.
Minimizing Power
Consumption
There are several issues to consider when trying to minimize the power consumption in
an AVR controlled system. In general, sleep modes should be used as much as possi-
ble, and the sleep mode should be selected so that as few as possible of the device’s
functions are operating. All functions not needed should be disabled. In particular, the
following modules may need special consideration when trying to achieve the lowest
possible power consumption.
Analog to Digital Converter
If enabled, the ADC will be enabled in all sleep modes. To save power, the ADC should
be disabled before entering any sleep mode. When the ADC is turned off and on again,
the next conversion will be an extended conversion. Refer to “ADC – Analog to Digital
Converter” on page 279 for details on ADC operation.
Analog Comparator
When entering Idle mode, the Analog Comparator should be disabled if not used. When
entering ADC Noise Reduction mode, the Analog Comparator should be disabled. In
other sleep modes, the Analog Comparator is automatically disabled. However, if the
Analog Comparator is set up to use the Internal Voltage Reference as input, the Analog
Comparator should be disabled in all sleep modes. Otherwise, the Internal Voltage Ref-
erence will be enabled, independent of sleep mode. Refer to “AC – Analog Comparator”
on page 275 for details on how to configure the Analog Comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com