Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 51Page - ATMEL Corporation ATMEGA640V Datasheet HTML 52Page - ATMEL Corporation ATMEGA640V Datasheet HTML 53Page - ATMEL Corporation ATMEGA640V Datasheet HTML 54Page - ATMEL Corporation ATMEGA640V Datasheet HTML 55Page - ATMEL Corporation ATMEGA640V Datasheet HTML 56Page - ATMEL Corporation ATMEGA640V Datasheet HTML 57Page - ATMEL Corporation ATMEGA640V Datasheet HTML 58Page - ATMEL Corporation ATMEGA640V Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 449 page
background image
55
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
PRR0 – Power Reduction
Register 0
• Bit 7 - PRTWI: Power Reduction TWI
Writing a logic one to this bit shuts down the TWI by stopping the clock to the module.
When waking up the TWI again, the TWI should be re initialized to ensure proper
operation.
• Bit 6 - PRTIM2: Power Reduction Timer/Counter2
Writing a logic one to this bit shuts down the Timer/Counter2 module in synchronous
mode (AS2 is 0). When the Timer/Counter2 is enabled, operation will continue like
before the shutdown.
• Bit 5 - PRTIM0: Power Reduction Timer/Counter0
Writing a logic one to this bit shuts down the Timer/Counter0 module. When the
Timer/Counter0 is enabled, operation will continue like before the shutdown.
• Bit 4 - Res: Reserved bit
This bit is reserved bit and will always read as zero.
• Bit 3 - PRTIM1: Power Reduction Timer/Counter1
Writing a logic one to this bit shuts down the Timer/Counter1 module. When the
Timer/Counter1 is enabled, operation will continue like before the shutdown.
• Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface
Writing a logic one to this bit shuts down the Serial Peripheral Interface by stopping the
clock to the module. When waking up the SPI again, the SPI should be re initialized to
ensure proper operation.
• Bit 1 - PRUSART0: Power Reduction USART0
Writing a logic one to this bit shuts down the USART0 by stopping the clock to the mod-
ule. When waking up the USART0 again, the USART0 should be re initialized to ensure
proper operation.
• Bit 0 - PRADC: Power Reduction ADC
Writing a logic one to this bit shuts down the ADC. The ADC must be disabled before
shut down. The analog comparator cannot use the ADC input MUX when the ADC is
shut down.
Bit
7
6
543
2
1
0
(0x64)
PRTWI
PRTIM2
PRTIM0
–
PRTIM1
PRSPI
PRUSART0
PRADC
PRR0
Read/Write
R/W
R/W
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com