Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 21Page - ATMEL Corporation ATMEGA640V Datasheet HTML 22Page - ATMEL Corporation ATMEGA640V Datasheet HTML 23Page - ATMEL Corporation ATMEGA640V Datasheet HTML 24Page - ATMEL Corporation ATMEGA640V Datasheet HTML 25Page - ATMEL Corporation ATMEGA640V Datasheet HTML 26Page - ATMEL Corporation ATMEGA640V Datasheet HTML 27Page - ATMEL Corporation ATMEGA640V Datasheet HTML 28Page - ATMEL Corporation ATMEGA640V Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 449 page
background image
25
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
I/O Memory
The I/O space definition of the ATmega640/1280/1281/2560/2561 is shown in “Register
Summary” on page 416.
All ATmega640/1280/1281/2560/2561 I/Os and peripherals are placed in the I/O space.
All I/O locations may be accessed by the LD/LDS/LDD and ST/STS/STD instructions,
transferring data between the 32 general purpose working registers and the I/O space.
I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the
SBI and CBI instructions. In these registers, the value of single bits can be checked by
using the SBIS and SBIC instructions. Refer to the instruction set section for more
details. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 -
0x3F must be used. When addressing I/O Registers as data space using LD and ST
inst ruct io ns,
0x 20
m u st
be
a dde d
to
th ese
ad dr esse s.
Th e
ATmega640/1280/1281/2560/2561 is a complex microcontroller with more peripheral
units than can be supported within the 64 location reserved in Opcode for the IN and
OUT instructions. For the Extended I/O space from 0x60 - 0x1FF in SRAM, only the
ST/STS/STD and LD/LDS/LDD instructions can be used.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike
most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and
can therefore be used on registers containing such Status Flags. The CBI and SBI
instructions work with registers 0x00 to 0x1F only.
The I/O and peripherals control registers are explained in later sections.
General Purpose I/O Registers The ATmega640/1280/1281/2560/2561 contains three General Purpose I/O Registers.
These registers can be used for storing any information, and they are particularly useful
for storing global variables and Status Flags. General Purpose I/O Registers within the
address range 0x00 - 0x1F are directly bit-accessible using the SBI, CBI, SBIS, and
SBIC instructions. See “Register Description” on page 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com