Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640V Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATMEGA640V Datasheet HTML 41Page - ATMEL Corporation ATMEGA640V Datasheet HTML 42Page - ATMEL Corporation ATMEGA640V Datasheet HTML 43Page - ATMEL Corporation ATMEGA640V Datasheet HTML 44Page - ATMEL Corporation ATMEGA640V Datasheet HTML 45Page - ATMEL Corporation ATMEGA640V Datasheet HTML 46Page - ATMEL Corporation ATMEGA640V Datasheet HTML 47Page - ATMEL Corporation ATMEGA640V Datasheet HTML 48Page - ATMEL Corporation ATMEGA640V Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 449 page
background image
45
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Note:
1. The device is shipped with this option selected.
128 kHz Internal
Oscillator
The 128 kHz internal Oscillator is a low power Oscillator providing a clock of 128 kHz.
The frequency is nominal at 3V and 25
°C. This clock may be select as the system clock
by programming the CKSEL Fuses to “11” as shown in Table 19.
Note:
1. The frequency is preliminary value. Actual value is TBD.
When this clock source is selected, start-up times are determined by the SUT Fuses as
shown in Table 20.
External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in
Figure 23. To run the device on an external clock, the CKSEL Fuses must be pro-
grammed to “0000”.
Figure 23. External Clock Drive Configuration
Table 18. Start-up times for the internal calibrated RC Oscillator clock selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT1:0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms(1)
10
Reserved
11
Table 19. 128 kHz Internal Oscillator Operating Modes
Nominal Frequency
CKSEL3:0
128 kHz
0011
Table 20. Start-up Times for the 128 kHz Internal Oscillator
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset
SUT1:0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4 ms
01
Slowly rising power
6 CK
14CK + 64 ms
10
Reserved
11
NC
EXTERNAL
CLOCK
SIGNAL
XTAL2
XTAL1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com