Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT2803 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics1
VIN = 3.6V, CIN = COUT = C1 = C2 = C3 = 1.0μF; TA = -40°C to +85°C, unless otherwise noted.
Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ Max Units
VIN
Operation Range
2.7
5.5
V
1X Mode, 3.0
≤ VIN ≤ 5.5, Active,
0.3
1
No Load Current; EN/SET = VIN;
EN_FL= GND
1.5X Mode, 3.0
≤ VIN ≤ 5.5, Active,
1.0
3.0
No Load Current; EN/SET = VIN;
EN_FL= GND
mA
ICC
Operating Current
2X Mode, 3.0
≤ VIN ≤ 5.5, Active,
2.0
3.7
No Load Current; EN/SET = VIN;
EN_FL = GND
VOUT_FLASH = 5V; EN/SET = GND;
2.0
4.5
EN_FL = VIN
50μA Setting, 1X Mode; EN/SET
50
μA
= VIN; EN_FL = GND
ISHDN
Shutdown Current
EN/SET = 0
1.0
μA
IDX
ISINK Average Current Accuracy2
ISET = 30mA, TA = 25°C
27
30
33
mA
ISET = 4.1mA, TA = 25°C
3.69
4.1
4.51
I(D-Match)
Current Matching Between Any
VF:D1:D4 = 3.6V
0.5
%
Two Current Sink Inputs3, 4
VTH
1X to 1.5X or 1.5X to 2X Transition
150
mV
Threshold at Any DX Pin
VOUT
Output Voltage (Flash Charge
3.0< VIN < 5V, IOUT = 120mA;
4.3
4.5
4.7
V
Pump)5
EN_FL = VIN
Max Continuous Output Current
VIN = 3.3V; VOUT = 4.5V;
120
IOUT
(Flash Charge Pump)5
EN_FL = VIN
mA
Max Pulsed Output Current5
VIN = 3.6V; VOUT = 4.5V;
300
IPULSED = 250ms
TSS
Soft-Start Time
Backlight Charge Pump
100
μs
Flash Charge Pump
200
FCLK
Clock Frequency
1.0
MHz
VEN(L)
Enable Threshold Low
VIN = 2.7V
0.4
V
VEN(H)
Enable Threshold High
VIN = 5.5V
1.4
V
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
4
2803.2006.12.1.6
1. The AAT2803 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Determined by the average of all active channels.
3. Current matching is defined as the deviation of any sink current from the average of all active channels.
4. Specification applies only to the tri-mode charge pump.
5. Specification applies only to the charge pump doubler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com