Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
10
2803.2006.12.1.6
Typical Characteristics–White LED Backlight Driver Section
Unless otherwise noted, VIN = 3.6V, CIN = COUT = C1 = C2 = C3 = 1.0μF; TA = 25°C.
V
IL vs. VIN
VIN (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
V
IH vs. VIN
VIN (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
Input Ripple vs. V
IN
VIN (V)
0
5
10
15
20
25
2.50
2.67
2.84
3.01
3.18
3.35
3.52
3.69
3.86
4.03
4.20
10.2mA
20mA
30mA
T
OFF vs. VIN
VIN (V)
0
50
100
150
200
250
300
350
400
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
T
LAT vs. VIN
VIN (V)
0
50
100
150
200
250
300
350
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com