Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 14 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
14
2803.2006.12.1.6
Max Current Register Settings—Address 4
Low Current Register Settings—Address 5
Disabled Current Sinks
The backlight charge pump is equipped with an auto-
disable feature to protect against an LED failure con-
dition. Current sink inputs that are not used should
be disabled.
To disable and properly terminate
unused current sink inputs, they must be tied to VOUT.
If left unconnected or terminated to ground, the part
will be forced to operate in 2X charge pump mode.
Properly terminating unused current sink inputs is
important to prevent the charge pump modes from
activating prematurely. When properly terminated,
only a small sense current flows for each disabled
channel. The sense current for each disabled chan-
nel is less than 120μA.
Applications Information
LED Selection
Although the AAT2803 is specifically intended for
driving white LEDs, the device can also be used to
drive most types of LEDs with forward voltage
specifications ranging from 2.0V to 4.7V.
LED
applications may include main and sub-LCD dis-
play backlighting, camera photo-flash applications,
color (RGB) LEDs, infrared (IR) diodes for remotes,
and other loads benefiting from a controlled output
current generated from a varying input voltage.
In some instances (e.g., in high-luminous-output
applications such as photo flash), it may be neces-
sary to drive high-VF type LEDs. The low-dropout
current sinks in the AAT2803 make it capable of
driving LEDs with forward voltages as high as 4.7V
at full current from an input supply as low as 3.0V.
Outputs can be paralleled to drive high-current
LEDs without complication.
Device Switching Noise Performance
The AAT2803 operates at a fixed frequency of
approximately 1MHz to control noise and limit har-
monics that can interfere with the RF operation of
cellular telephone handsets or other communica-
tion devices. Back-injected noise appearing on the
input pin of the charge pump is 20mV peak-to-
peak, typically ten times less than inductor-based
DC/DC boost converter white LED backlight solu-
tions. The AAT2803 soft-start feature prevents
noise transient effects associated with inrush cur-
rents during start-up of the charge pump circuit.
Capacitor Selection
Careful selection of the six external capacitors CIN,
C1, C2, C3, and COUT (for backlight and flash) is
important because they will affect turn-on time,
output ripple, and transient performance. Optimum
performance will be obtained when low equivalent
series resistance (ESR) ceramic capacitors are
used. In general, low ESR may be defined as less
than 100m
Ω. A value of 1μF for all four capacitors
is a good starting point when choosing capacitors.
If the LED current sources are only programmed
for light current levels, then the capacitor size may
be decreased.
Data
D1-D4 (mA)
D5-D6 (mA)
10
0
20
0
30
0
40
0
5
0
0.05
6
0
0.5
70
1
80
2
9
0.05
0
10
0.5
0
11
1
0
12
2
0
13
0.05
0.05
14
0.5
0.5
15
1
1
16
2
2
Data
Max Current
1
20mA Max Scale
2
30mA Max Scale
3
15mA Max Scale
4
Low Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com