Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
6
2803.2006.12.1.6
Typical Characteristics–Flash Driver Charge Pump Section
Load Response vs. Time
(100mA Load)
5ms/div
VOUT_FL
(10mV/div)
IOUT
(50mA/div)
VIN = 3.5V
Load Response vs. Time
(50mA Load)
5ms/div
VOUT_FL
(10mV/div)
IOUT
(20mA/div)
VIN = 3.5V
Start-Up Time
(100mA Load)
100
μμs/div
EN_FLSH
(1V/div)
VOUT_FL
(1V/div)
Start-Up Time
(50mA Load)
100
μμs/div
EN_FLSH
(1V/div)
VOUT_FL
(1V/div)
Maximum Current Pulse vs. Supply Voltage
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
Supply Voltage (V)
0
50
100
150
200
250
300
350
400
450
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
One-shot pulse duration = 250ms
VOUT > 4.0V
Output Voltage vs. Output Current
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
Output Current (mA)
4.40
4.44
4.48
4.52
4.56
4.60
0.1
1.0
10.0
100.0
1000.0
3.6V
3.0V
3.3V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com