Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT2803 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
2803.2006.12.1.6
1
ChargePump™
General Description
The AAT2803 is a dual charge pump designed to sup-
port both white LED backlight and flash applications
for systems operating with lithium-ion/polymer batter-
ies. The backlight charge pump is capable of driving
up to six LEDs at a total of 180mA. The current sinks
may be operated in group or in parallel for driving
higher current LEDs. To maximize power efficiency,
the charge pump operates in 1X, 1.5X, or 2X mode,
where the mode of operation is automatically select-
ed by comparing the forward voltage of each LED
with the input voltage. AnalogicTech's AS2Cwire™
(Advanced Simple Serial Control™) serial digital input
is used to enable, disable, and set current for each
LED with a 16-level logarithmic scale plus four low-
current settings down to 50μA for optimized efficien-
cy, with a low housekeeping current of only 50μA.
The flash charge pump is a charge pump doubler
with a regulated output voltage. It is designed to
deliver 120mA of continuous current and up to
300mA of pulsed current. It has an independent
enable pin for improved power savings.
The AAT2803 is equipped with built-in protection,
short-circuit, and auto-disable for load short-circuit
condition. Built-in soft-start circuitry prevents exces-
sive inrush current during start-up. A low-current
shutdown feature disconnects the load from VIN and
reduces quiescent current to less than 1μA.
The AAT2803 is available in a Pb-free, space-saving,
thermally enhanced 24-pin 4x4mm QFN package
and is rated over the -40°C to +85°C temperature
range.
Features
•VIN Range: 2.7V to 5.5V
•
Dual Charge Pump:
— Flash: Charge Pump Doubler
— Backlight: Tri-Mode Charge Pump
•
Backlight Charge Pump:
— Programmable Current With Single GPIO
— 16 Current Steps
— 15/20/30mA Max Current
— Four Low Current Settings
— Individual Main/Sub-Group Control
— Low IQ (50μA) for Low-Current Mode
— Drives Six Channels of LEDs
•
Flash Charge Pump:
— Regulated VOUT_FL 4.5/5.0 Volts
— Up to 300mA of Current for Flash
•
1MHz Constant Switching Frequency
•
Independent Backlight/Flash Control
•
Built-In Thermal Protection
•
Built-In Auto-Disable for Open Circuit
•
Automatic Soft Start
•IQ <1μA in Shutdown
•
Available in QFN44-24 Package
Applications
•
Color (RGB) Lighting
•
Programmable Current Sink
•
White LED Backlighting
•
White Photo Flash for Digital Still Cameras
Typical Application
AAT2803
C
IN
1
μF
V
IN
C1
1
μF
D2
GND
Backlight
C2
1
μF
C3
1
μF
C2+
C
OUT
1
μF
ENFL
EN/SET
VIN
EN_FL
Flash
EN/SET
C2-
C1+
C1-
C3+
C3-
VOUT
D3
D2
D1
D4
D5
D6
D1
D3
D4
D5
D6
C
OUT
1
μF


Similar Part No. - AAT2803

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
Six-Channel White LED Backlight Charge Pump with Flash
logo
Skyworks Solutions Inc.
AAT2803 SKYWORKS-AAT2803 Datasheet
836Kb / 15P
Six-Channel White LED Backlight Charge Pump with Flash
June 14, 2012
logo
Advanced Analogic Techn...
AAT2803ISK-4.5-T1 ANALOGICTECH-AAT2803ISK-4.5-T1 Datasheet
581Kb / 16P
Six-Channel White LED Backlight Charge Pump with Flash
logo
Skyworks Solutions Inc.
AAT2803ISK-4.5-T1 SKYWORKS-AAT2803ISK-4.5-T1 Datasheet
836Kb / 15P
Six-Channel White LED Backlight Charge Pump with Flash
June 14, 2012
More results

Similar Description - AAT2803

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
Multi-Mode Charge Pump for White LED Backlight and Flash Applications
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
Six-Channel White LED Backlight Charge Pump with Flash
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Semtech Corporation
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
Multi-Mode Charge Pump For White LED Backlight and Flash Applications
AATIAN47 SIGE-AATIAN47 Datasheet
94Kb / 4P
Six-Channel White LED Backlight Charge Pump with Flash
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com