Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT2803 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics1
VIN = 3.6V, CIN = COUT = C1 = C2 = C3 = 1.0μF; TA = -40°C to +85°C, unless otherwise noted.
Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ Max Units
TEN/SET LO
EN/SET Low Time
0.3
75
μs
TEN/SET_HI_MIN Minimum EN/SET High Time
50
ns
TEN/SET_HI_MAX Maximum EN/SET High Time
75
μs
TOFF
EN/SET Off Timeout
500
μs
TLAT
EN/SET Latch Timeout
500
μs
IEN/SET;EN_FL
Input Leakage
VEN/SET;EN_FL = 5V; VIN = 5V
-1.0
1.0
μA
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
2803.2006.12.1.6
5
1. The AAT2803 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com