Electronic Components Datasheet Search
  English  ▼

X  

AAT2803 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Characteristics–White LED Backlight Driver Section
Unless otherwise noted, VIN = 3.6V, CIN = COUT = C1 = C2 = C3 = 1.0μF; TA = 25°C.
Load Characteristics
(VIN = 3.6V; 2X Mode; 30mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 4.3V; 1.5X Mode; 30mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.1V; 2X Mode; 20mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 4.0V; 1.5X Mode; 20mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 2.9V; 2X Mode; 15mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.8V; 1.5X Mode; 15mA Load)
500ns/div
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
2803.2006.12.1.6
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com