Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 19 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 19 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 17Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 18Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 19Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 20Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 21Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 22Page - RDA Microelectronics, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 19 of 22
Figure12-1. 32-Pin 4x4 Quad Flat No-Lead (QFN)
13
PCB Land Pattern
Figure13-3.Classification Reflow Profile
Table 13-1
Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average Ramp-Up Rate
(TSmax to Tp)
3 ℃/second max.
3 ℃/second max.
Preheat
-Temperature Min (Tsmin)
-Temperature Max (Tsmax)
-Time (tsmin to tsmax)
100 ℃
100 ℃
60-120 seconds
150 ℃
200 ℃
60-180 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
183 ℃
60-150seconds
217℃
60-150 seconds
Peak /Classification
Temperature(Tp)
See Table 9-2
See Table 9-3
Time within 5 oC of actual Peak
Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 ℃/second max.
6 ℃/seconds max.
Time 25 oC to Peak
6 minutes max.
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com