Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 1 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 1 Page - RDA Microelectronics, Inc

  RDA5876 Datasheet HTML 1Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 2Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 3Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 4Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 5Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright © RDA Microelectronics Inc. 2009. All rights are reserved.
RDA5876
SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
Rev.1.2–07.2011
1 General Description
RDA5876 integrates industry-lead Bluetooth and
FM radio tuner into one chip and is optimized for
mobile applications. Bluetooth and FM can work
simultaneously and independently, with low power
consumption levels target to battery powered
devices. For the highest integration level, the
required board space has been minimized and
customer cost has been reduced. Manufacturers
can easily and fast integrate RDA5876 on their
product to enable a rapid time to market.
RDA5876 uses CMOS process with a compact
4*4mm 32-pin QFN package.
1.1 Bluetooth Features
CMOS single-chip fully-integrated radio and
baseband
Compliant with Bluetooth 2.1 + EDR specification
Bluetooth Piconet and Scatternet support
ARM7-based microprocessor with on-chip ROM
and RAM
Meet class 2 and class 3 transmitting power
requirement, support class1 operation with external
power amplifier
Provides +10dbm transmitting power
NZIF receiver with -90dBm sensitivity
Battery power supply directly with internal LDO
Support DCXO with internal oscillator circuit
Up-to 4Mbps high speed UART HCI support
Support AFH
Support 3-wire WIFI Co-existence handshake
signals
Low power consumption
Minimum external component
Internal 32k LPO.
GND PAD
RDA5876
32 Pins
25
26
27
28
29
30
31
32
1
2
3
4
5
AGPIO0/BT_ACTIVE
UART_RX
FM_IP
NC
PCM_CLK
PCM_SYNC
PCM_DOUT
PCM_DIN
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
VOUT18
NC
RF
DCDC_SW
NC
FM_IN
AGPIO1/BT_PRIORITY
VIO
Figure1-1. RDA5876 Top View


Similar Part No. - RDA5876

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA5807 ETC1-RDA5807 Datasheet
284Kb / 2P
RDA5807 SINGLE-CHIP FM RECEIVER MODULE
logo
RDA Microelectronics, I...
RDA5807 RDA-RDA5807 Datasheet
627Kb / 23P
SINGLE-CHIP BROADCAST FM RADIO TUNER
Rev.1.8 Aug.2014
RDA5807M RDA-RDA5807M Datasheet
627Kb / 23P
SINGLE-CHIP BROADCAST FM RADIO TUNER
Rev.1.8 Aug.2014
logo
List of Unclassifed Man...
RDA5807P ETC1-RDA5807P Datasheet
284Kb / 2P
RDA5807 SINGLE-CHIP FM RECEIVER MODULE
More results

Similar Description - RDA5876

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
Integrated FM tuner for radio receivers
February 1985
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
Integrated FM tuner for radio receivers
August 1990
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
STLC2593 STMICROELECTRONICS-STLC2593 Datasheet
212Kb / 5P
Bluetooth EDR and RDS FM radio tuner
22-Jan-2008
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
Integrated FM Tuner for Radio Receivers
logo
Sanyo Semicon Device
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
Single chip Tuner IC for Car Radio
logo
Silicon Laboratories
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
Broadcast FM Radio Tuner for Portable Applications
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
RDA Microelectronics, I...
RDA5807M RDA-RDA5807M Datasheet
627Kb / 23P
SINGLE-CHIP BROADCAST FM RADIO TUNER
Rev.1.8 Aug.2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com