Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 20 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 20 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 17Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 18Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 19Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 20Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 21Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 22Page - RDA Microelectronics, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 20 of 22
Temperature
Table 13-2
Pb-free Process – Package Peak Reflow Temperatures
Package Thickness
Volume mm3
<350
Volume mm3
≥
350
<
2.5mm
240 + 0/-5 ℃
225 + 0/-5 ℃
≥
2.5mm
225 + 0/-5 ℃
225 + 0/-5 ℃
Table 13-3
Pb-free Process – Package Classification Reflow Temperatures
Package
Thickness
Volume mm3
<
350
Volume mm3
350-2000
Volume mm3
>
2000
<
1.6mm
260 + 0 ℃ *
260 + 0 ℃ *
260 + 0 ℃ *
1.6mm – 2.5mm
260 + 0 ℃ *
250 + 0 ℃ *
245 + 0 ℃ *
≥
2.5mm
250 + 0 ℃ *
245 + 0 ℃ *
245 + 0 ℃ *
*Tolerance : The device manufacturer/supplier shall assure process compatibility up to and including the
stated classification temperature(this mean Peak reflow temperature + 0 ℃. For example 260+ 0 ℃ )
at the rated MSL Level.
Note 1: All temperature refer topside of the package. Measured on the package body surface.
Note 2: The profiling tolerance is + 0 ℃, - X ℃ (based on machine variation capability)whatever is
required to control the profile process but at no time will it exceed – 5 ℃. The producer assures process
compatibility at the peak reflow profile temperatures defined in Table 13-3.
Note 3: Package volume excludes external terminals(balls, bumps, lands, leads) and/or non integral heat
sinks.
Note 4: The maximum component temperature reached during reflow depends on package the thickness
and volume. The use of convection reflow processes reduces the thermal gradients between packages.
However, thermal gradients due to differences in thermal mass of SMD package may sill exist.
Note 5: Components intended for use in a “lead-free” assembly process shall be evaluated using the
“lead free” classification temperatures and profiles defined in Table13-1, 13-2, 13-3 whether or not lead
free.
RoHS Compliant
The product does not contain lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls
(PBB) or polybrominated biphenyl ethers (PBDE), and are therefore considered RoHS compliant.
ESD Sensitivity
Integrated circuits are ESD sensitive and can be damaged by static electricity. Proper ESD techniques
should be used when handling these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com