Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 6 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 6 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 2Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 3Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 4Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 5Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 6 of 22
5 Bluetooth Section Electrical Characteristics
Table 5-1
DC Electrical Specification (Recommended Operation Conditions):
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
VBAT
Supply Voltage from battery or LDO
3.3
4.0
4.2
V
Tamb
Ambient Temperature
-20
27
+50
℃
VIL
CMOS Low Level Input Voltage
0
0.3*VIO
V
VIH
CMOS High Level Input Voltage
0.7*VIO
VIO
V
VTH
CMOS Threshold Voltage
0.5*VIO
V
Notes
:
1. VIO=1.8~3.3V
Table 5-2
DC Electrical Specification (Absolute Maximum Ratings):
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tamb
Ambient Temperature
-20
+80
°C
IIN
Input Current
-10
+10
mA
VIN
Input Voltage
-0.3
VIO+0.3
V
Vlna
LNA Input Level
+10
dBm
Table 5-3
LDO
Power consumption specification
(VBAT = 4.0 V, VIO = 2.8V, TA = +27℃, RF 9dBm, LDO mode unless otherwise specified)
STATE
DESCRIPTION
Condition
TYP
UNIT
Headset voice
HV3 type
18
mA
Headset SNIFF
500ms cycle
NO INQUIRE and PAGE SCAN
0.5
mA
HCI only active
5.7
mA
Both SCAN
1.28S cycle
INQUIRE and PAGE SCAN
1.0
mA
DeepSleep
26Mhz crystal off
Ivbat=105uA,Ivio=13uA,External
32K input
118
μA
internal LDO off
LDO_ON off
Ivbat=6uA,Ivio=1uA
7
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com