Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 14 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 14 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 17Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 18Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 14 of 22
9 FM Section Receiver Characteristics
Table 9-1Receiver Characteristics (VBAT = 4.0 V, VIO= 3.0V, TA = 25 °C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
General specifications
Fin
FM Input Frequency Range
Adjust BAND Register
50
115
MHz
50MHz
-
1.4
1.8
65MHz
-
1.2
1.5
88MHz
-
1.2
1.5
98MHz
-
1.3
1.5
108MHz
-
1.3
1.5
Vrf
Sensitivity
1,2,3
S/N=26dB
115MHz
-
1.3
1.8
μV EMF
IP3in
Input IP3
4
AGCD=1
80
-
-
dB
μV
αam
AM Suppression
1,2
m=0.3
60
-
-
dB
S200
Adjacent Channel Selectivity
±
200KHz
50
70
-
dB
S400
400KHz Selectivity
±
400KHz
60
85
-
dB
VAFL; VAFR
Audio L/R Output Voltage
1,2
(Pins LOUT and ROUT)
Volume [3:0] =1111
-
360
-
mV
Mono
2
55
57
-
S/N
Maximum Signal to Noise
Ratio
1,2,3,5
Stereo
6
53
55
-
dB
αSCS
Stereo Channel Separation
35
-
-
dB
RL
Audio Output Loading
Resistance
Single-ended
32
-
-
Ω
Rload=1KΩ
-
0.15
0.2
THD
Audio Total Harmonic
Distortion
1,3,6
Volume[3:0]
=1111
Rload=32Ω
-
0.2
-
%
αAOI
Audio Output L/R
Imbalance
1,6
-
-
0.05
dB
Rmute
Mute Attenuation Ratio
1
Volume[3:0]=0000
60
-
-
dB
Low Freq
9
-
100
-
BWaudio
Audio Response
1
1KHz=0dB
±3
dB point
High Freq
-
14
-
Hz
Pins LNAN, LNAP, LOUT, ROUT and NC(22,23)
Vcom_rfin
Pins
LNAN/LNAP
Input
Common Mode Voltage
0
V
Vcom
Audio Output Common Mode
Voltage
8
1.0
1.05
1.1
V
Vcom_nc
Pins NC ( 22,23 ) Common
Mode Voltage
Floating
V
Notes:1. F
in=65 to 115MHz; Fmod=1KHz; de-emphasis=75μs; MONO=1; L=R unless noted otherwise;
2.
Δf=22.5KHz;
3. BAF = 300Hz to 15KHz, RBW <=10Hz;
4. |f2-f1|>1MHz, f0=2xf1-f2, AGC disable, Fin=76 to 108MHz;
5. PRF=60dBUV;
6.
Δf=75KHz,fpilot=10%
7. Measured at VEMF = 1 m V, f RF = 65 to 108MHz
8. At LOUT and ROUT pins
9. Adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com