Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 5 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 5 Page - RDA Microelectronics, Inc

  RDA5876 Datasheet HTML 1Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 2Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 3Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 4Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 5Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 5 of 22
4 Bluetooth Section Features
Radio
♦
Build-in TX/RX switch
♦
Fully integrated synthesizer without any external component
♦
Support DCXO or external reference clock direct input
♦
Class2 and class3 transmit output power supported and over 30dB dynamic control range
♦
Supports π/4 DQPSK and 8DPSK modulation
♦
High performance in receiver sensitivity and over 80dB dynamic range
♦
Integrated channel filter
Auxiliary features
♦
On-chip regulator to support battery power supply directly
♦
Power management support low power mode
♦
Support share handset system reference clock
♦
Support 3-wire wifi cooperation handshake protocol
♦
Support external class1 PA and antenna switch
Baseband
♦
Internal RAM allows fully speed data transfer, mixed voice and data, and fully piconet operation
♦
Logic for forward error correction, header error control, access code correlation, CRC,
demodulation , encryption bit stream generation, whitening and transmit pulse shaping
♦
Support eSCO and AFH
♦
Support up to Bluetooth v2.1 + EDR
♦
Support A-law, μ-law and CVSD digitize audio CODEC in PCM interface
Interface
♦
Provides UART HCI interface, up-to 4Mbps
♦
Provides I2C interface for host to do configuration
♦
Provides PCM audio interface
♦
Provides 3-wire and 2-wire WIFI Co-existence handshake interface
Bluetooth Stack
♦
Compliant with Bluetooth 2.1 + EDR specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com