Electronic Components Datasheet Search
  English  ▼

X  

RDA5876 Datasheet(PDF) 10 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 10 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 10 of 22
Table 6-4
Transmit Characteristics ------ Enhanced Data Rate
(VBAT = 4.0 V, TA = 27°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
General specifications
Maximum RF transmit power
/
+7
/
dBm
Relative transmit control
/
-1.6
/
dB
kHz
π
/4 DQPSK max w0
/
+7.4
/
kHz
π
/4 DQPSK max wi
/
+6.7
/
kHz
π
/4 DQPSK max |wi + w0|
/
+2.4
/
kHz
8DPSK max w0
/
+7.1
/
kHz
8DPSK max wi
/
+4.4
/
kHz
8DPSK max |wi + w0|
/
+2.7
/
kHz
RMS DEVM
/
8
/
%
99% DEVM
/
/
30
%
π
/4 DQPSK Modulation Accuracy
Peak DEVM
/
16
/
%
RMS DEVM
/
8
/
%
99% DEVM
/
/
20
%
8DPSK Modulation Accuracy
Peak DEVM
/
16
/
%
F=F0 + 1MHz
/
-14.7
/
dBm
F=F0 - 1MHz
/
-15.2
/
dBm
F=F0 + 2MHz
/
-51.0
/
dBm
F=F0 - 2MHz
/
-52.2
/
dBm
F=F0 + 3MHz
/
-55.5
/
dBm
F=F0 - 3MHz
/
-55.8
/
dBm
In-band spurious emissions
F=F0 +/- > 3MHz
/
/
-55
dBm
EDR Differential Phase Coding
/
100
/
%
Notes
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com