Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3172 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Descriptions
Pin Configuration
TDFN33-12
(Top View)
VIN
C1+
C1-
1
GND
F1
F2
VIN
VOUT
C2+
C2-
N/C
EN/SET
2
3
4
5
6
12
11
10
9
8
7
Pin #
Symbol
Function
1, 12
VIN
Input power supply pin. Requires 4.7µF bypass capacitor to ground.
2
C1+
Flying capacitor C1 positive terminal. Connect a 1.0µF capacitor between C1+ and C1-.
3
C1-
Flying capacitor C1 negative terminal.
4
GND
Ground connection.
5
F1
Current sink input #1.
6
F2
Current sink input #2.
7
EN/SET
AS2Cwire serial interface control pin.
8
N/C
No connection.
9
C2-
Flying capacitor C2 negative terminal.
10
C2+
Flying capacitor C2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
11
VOUT
Charge pump output. Requires 2.2µF capacitor connected between this pin and ground.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3172
High Current LED Flash Driver Charge Pump IC
2
3172.2006.05.1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com