Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3172 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics1
CIN = 4.7µF, COUT = 2.2µF, C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted. Typical values are
TA = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min Typ Max Units
Power Supply
VIN
Input Voltage Range
2.7
5.5
V
VOUT(MAX)
Maximum Output Voltage
5.5
V
ON/OFF Standby Mode, Code
10
Address = 4, Data = 2
µA
ICC
Operating Current
1X, No Load Current
300
3.0
≤ VIN ≤ 5.5, 1.5X Mode, No Load Current
2.0
4.0
mA
3.0
≤ VIN ≤ 5.5, 2X Mode, No Load Current
3.0
6.0
ISHDN(MAX)
VIN Pin Shutdown Current
EN = 0
1.0
µA
IOUT(MAX)2
Maximum Output Current
VF = 3.6V
600
mA
I(D-Match)
Current Matching Between
VIN = 3.6V, TA = 25°C, 428mA
Outputs; High Current
Code Address = 3, Data = 2;
8
%
Code Address = 0, Data = 4
I(D-Match)
Current Matching Between
VIN = 3.6V, TA = 25°C, 100mA
Outputs; Low Current
Code Address = 3, Data =1;
8
%
Code Address = 0, Data = 1
IDX
Output Current Accuracy
TA = 25°C, Code 1, HI Scale
270
330
mA
FCLK
Clock Frequency
1
MHz
VREG
Voltage Mode Regulation
EN/SET Code Address = 6, Data = 2
4.1
4.5
4.9
V
TSS
Soft-Start Time
200
µs
EN/SET
VIL
Enable Threshold Low
VIN = 2.7V
0.4
V
VIH
Enable Threshold High
VIN = 5.5V
1.4
V
TEN/SET LO
EN/SET Low Time
0.3
60
µs
TEN/SET HI MIN
Minimum EN/SET High Time
50
ns
TEN/SET HI MAX Maximum EN/SET High Time
60
µs
TOFF
EN/SET Off Timeout
500
µs
TLAT
EN/SET Latch Timeout
500
µs
Input Current
EN/SET Input Leakage
-1
1
µA
AAT3172
High Current LED Flash Driver Charge Pump IC
4
3172.2006.05.1.5
1. The AAT3172 is guaranteed to meet performance specifications from 0°C to 70°C. Specification over the -40°C to +85°C operating
temperature range is assured by design, characterization, and correlation with statistical process controls.
2. Mounted on an FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com