Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3172 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Characteristics
VIN = 3.6V, CIN = 4.7µF, COUT = 2.2µF, C1 = C2 = 1µF, TA = 25°C, unless otherwise noted.
Turn-Off from 1.5X Mode
(VIN = 3.2V; 50mA/ch Load)
200
μμs/div
EN
(2V/div)
V
F
(1V/div)
IIN
(200mA/div)
Turn-On to 2X Mode
(VIN = 3.2V; 300mA/ch Load)
500
μμs/div
EN
(2V/div)
V
OUT
(2V/div)
IIN
(500mA/div)
VSINK
(1V/div)
Turn-On to 1X Mode
(VIN = 4.2V; 300mA/ch Load)
500
μμs/div
EN
(2V/div)
V
OUT
(2V/div)
IIN
(500mA/div)
VSINK
(1V/div)
Turn-On to 1.5X Mode
(VIN = 3.2V; 50mA/ch Load)
200
μμs/div
EN
(2V/div)
V
OUT
(2V/div)
IIN
(200mA/div)
VSINK
(1V/div)
Turn-On to 1X Mode
(VIN = 4.2V; 50mA/ch Load)
200
μμs/div
EN
(2V/div)
V
OUT
(2V/div)
IIN
(200mA/div)
VSINK
(1V/div)
Efficiency vs. Supply Voltage
Supply Voltage (V)
30
40
50
60
70
80
90
100
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
152mA/ch
VF = 3.0V
95mA/ch
VF = 2.9V
50mA/ch
VF = 2.8V
AAT3172
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com