Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3172 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Characteristics
VIN = 3.6V, CIN = 4.7µF, COUT = 2.2µF, C1 = C2 = 1µF, TA = 25°C, unless otherwise noted.
VIL vs. VIN Over-Temperature
Input Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
VIH vs. VIN Over-Temperature
Input Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
TOFF vs. VIN
Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
TLAT vs. VIN
Input Voltage (V)
0
20
40
60
80
100
120
140
160
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40
°C
25
°C
85
°C
Voltage Mode Line Response
(100mA Load)
1ms/div
VOUT
(200mV/div)
VIN
(500mV/div)
4.5V
3.6V
4.0V
Voltage Mode Load Response
(VIN = 3.3V)
5ms/div
IOUT
(100mA/div)
VOUT
(100mV/div)
100mA
10mA
4.50V
AAT3172
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com