Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 15 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 15 Page - Advanced Analog Technology, Inc.

Back Button AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AAT3172
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
15
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
Ordering Information
Package Information
TDFN33-12
All dimensions in millimeters.
Top View
Bottom View
Detail "B"
Detail "A"
Side View
3.00
± 0.05
Index Area
(D/2 x E/2)
Detail "A"
Detail "B"
1.70
± 0.05
0.05
± 0.05
7.5
° ± 7.5°
0.16
Pin 1 Indicator
(optional)
0.375
± 0.125
0.3
± 0.10
0.075
± 0.075
0.1 REF
Option A:
C0.30 (4x) max
Chamfered corner
Option B:
R0.30 (4x) max
Round corner
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking1
Part Number (Tape and Reel)2
TDFN33-12
QLXYY
AAT3172IWP-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold sub-
ject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are regis-
tered trademarks or trademarks of their respective holders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com