Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LED Selection
The AAT3172 is designed to drive high-intensity
white LEDs. It is particularly suitable for LEDs with
an operating forward-voltage in the range of 4.2V
to 1.5V.
The charge pump device can also drive other loads
that have similar characteristics to white LEDs. For
various load types, the AAT3172 provides a high-cur-
rent, programmable ideal constant current source.
Device Power Efficiency
The AAT3172 power conversion efficiency
depends on the charge pump mode. By definition,
device efficiency is expressed as the output power
delivered to the LED divided by the total input
power consumed.
When the input voltage is sufficiently greater than
the LED forward voltage, the device optimizes effi-
ciency by operating in 1X mode. In 1X mode, the
device is working as a bypass switch and passing
the input supply directly to the output. The power
conversion efficiency can be approximated by:
Due to the very low 1X mode quiescent current, the
input current nearly equals the current delivered to
the LED. Further, the low-impedance bypass
switch introduces negligible voltage drop from input
to output.
The AAT3172 further maintains optimized perform-
ance and efficiency by detecting when the input
voltage is not sufficient to sustain LED current. The
device automatically switches to 1.5X mode when
the input voltage drops too low in relation to the
LED forward voltage.
In 1.5X mode, the output voltage can be boosted to
3/2 the input voltage. The 3/2 conversion ratio
introduces a corresponding 1/2 increase in input
current. For ideal conversion, the 1.5X mode effi-
ciency is given by:
η =
=
V
F · ILED
V
IN · 1.5IIN
V
F
1.5 · V
IN
η =
≈
V
F · ILED
V
IN · IIN
V
F
V
IN
η =
P
OUT
P
IN
AAT3172
High Current LED Flash Driver Charge Pump IC
12
3172.2006.05.1.5
Figure 2: Flash Plus Status Lighting.
AAT3172
COUT
2.2µF
EN/SET
VIN
C1+
C1- C2+
C2-
VOUT
F1
F2
2.7V to 5.5V
EN/SET
Flash
LED
GND
CIN
4.7µF
C1
1µF
C2
1µF
STAT2
STAT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com