Electronic Components Datasheet Search
  English  ▼

X  

AAT3172 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3172
Description  High Current LED Flash Driver Charge Pump IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3172 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3172 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3172 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Thermal Information2
Symbol
Description
Value
Units
θJA
Maximum Thermal Resistance
50
°C/W
PD
Maximum Power Dissipation
2.0
W
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6.0
V
VEN
EN to GND Voltage
-0.3 to 6.0
V
VEN(MAX)
Maximum EN to Input Voltage
VIN + 0.3
V
IOUT
Maximum DC Output Current
700
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3172
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com