Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT4610AIJS-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ Max
Units
VIN
Operation Voltage
2.4
5.5
V
IQ
Quiescent Current
VIN = 5V, ON (ON) = Active, IOUT = 0
9
25
µA
IQ(OFF)
Off Supply Current
ON (ON) = Inactive, VIN = 5.5V
1
µA
ISD(OFF)
Off Switch Current
ON (ON) = Inactive, VIN = 5.5V, VOUT = 0
0.01
1
µA
VUVLO
Under-Voltage Lockout
Rising Edge, 1% Hysteresis
1.8
2.4
V
VIN = 5.0V, TA = 25°C
145
180
RDS(ON)
On Resistance
VIN = 4.5V, TA = 25°C
150
m
Ω
VIN = 3.0V, TA = 25°C
190
230
TCRDS
On Resistance Temperature
2800
ppm/°C
Coefficient
ILIM
Current Limit
RSET = 6.8kΩ
0.75
1
1.25
A
ILIM(MIN)
Minimum Current Limit
130
mA
VON(L)
ON (ON) Input Low Voltage
VIN = 2.7V to 5.5V1
0.8
VON(H)
ON (ON) Input High Voltage
VIN = 2.7V to < 4.2V1
2.0
V
VIN ≥ 4.2V to 5.0V1
2.4
ION(SINK)
ON (ON) Input Leakage
VON = 5.5V
0.01
1
µA
TRESP
Current Limit Response Time
VIN = 5V
0.4
µs
TOFF
Turn-Off Time
VIN = 5V, RL = 10Ω
412
µs
TON
Turn-On Time
VIN = 5V, RL = 10Ω
12
200
µs
AAT4610A
Current Limited Load Switch
4
4610A.2006.9.1.3
1. For VIN outside this range, consult Typical ON (ON) Threshold curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com