Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT4610AIJS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
VIH
VIH
VIL
and VIL vs. VIN
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Short-Circuit Through 0.3
Ω
0
1
2
3
4
5
6
7
8
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (
μs)
-4
-2
0
2
4
6
8
10
12
Input Voltage
Output Current
Output Voltage
Turn-Off
(RL = 10
Ω; CL = 0.47μF)
-1
0
1
2
3
4
5
6
-10
-5
0
5
10
15
20
25
30
35
40
45
50
Time (
μs)
Output
ON
Turn-On
(RL = 10
Ω; CL = 0.47μF)
-1
0
1
2
3
4
5
6
-10
-5
0
5
10
15
20
25
30
35
40
45
50
Time (
μs)
Output
ON
Turn-Off vs. Temperature
(RLOAD = 10
Ω; CLOAD = 0.47μF)
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 3V
VIN = 5V
Turn-On vs. Temperature
(RLOAD = 10
Ω; CLOAD = 0.47μF)
0
10
20
30
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 3V
VIN = 5V
AAT4610A
Current Limited Load Switch
6
4610A.2006.9.1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com