Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT4610AIJS-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Off-Switch Current vs. Temperature
Temperature (
°C)
0.001
0.01
0.1
1
10
-40
-20
0
20
40
60
80
100
120
Off-Supply Current vs. Temperature
0.01
0.1
1
10
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
RDS(ON) vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
220
240
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
Input = 3V
Input = 5V
Output Current vs. Output Voltage
(RSET = 16k
Ω)
0
0.2
0.4
0.6
01
2
3
4
5
Output Voltage (V)
Quiescent Current vs. Input Voltage
0
5
10
15
20
01
23
4
5
6
Input Voltage (V)
Quiescent Current vs. Temperature
0
5
10
15
20
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
AAT4610A
Current Limited Load Switch
4610A.2006.9.1.3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com