Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information
Setting Current Limit
In most applications, the variation in ILIM must be
taken into account when determining RSET. The ILIM
variation is due to processing variations from part
to part, as well as variations in the voltages at IN
and OUT, plus the operating temperature. See
charts "Current Limit vs. Temperature" and "Output
Current vs. VOUT." Together, these three factors
add up to a ±25% tolerance (see ILIM specification
in Electrical Characteristics section). Figure 1 illus-
trates a cold device with a statistically higher cur-
rent limit and a hot device with a statistically lower
current limit, both with RSET equal to 10.5kΩ. While
the chart, "RSET vs. ILIM" indicates an ILIM of 0.7A
with an RSET of 10.5kΩ, this figure shows that the
actual current limit will be at least 0.525A and no
greater than 0.880A.
Figure 1: Current Limit Using 10.5k
Ω
Ω.
To determine RSET, start with the maximum current
drawn by the load and multiply it by 1.33 (typical
ILIM = minimum ILIM / 0.75). This is the typical cur-
rent limit value. Next, refer to "RSET vs. ILIM" and
find the RSET that corresponds to the typical current
limit value. Choose the largest resistor available
that is less than or equal to it. For greater precision,
the value of RSET may also be calculated using the
Ω
0
0.2
0.4
0.6
0.8
1
1.2
01
2
3
4
5
VOUT (V)
0.88A
0.525A
Device with high current limit at -40
°C
Device with low current limit at 85
°C
AAT4610A
Current Limited Load Switch
8
4610A.2006.9.1.3
Functional Block Diagram
Current
Limit
1.2V
Reference
Under-
Voltage
Lockout
Over-Temperature
Protection
OUT
SET
GND
R
SET
ON (ON)
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com