Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AAT4610A
Current Limited Load Switch
10
4610A.2006.9.1.3
Ordering Information
Package Information
SOT23-5
All dimensions in millimeters.
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Enable
Marking1
Part Number (Tape and Reel)2
SOT23-5
ON (active low)
ERXYY
AAT4610AIGV-T1
SOT23-5
ON (active high)
HXXYY
AAT4610AIGV-1-T1
SC70JW-8
ON (active low)
FKXYY
AAT4610AIJS-T1
SC70JW-8
ON (active high)
HXXYY
AAT4610AIJS-1-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com