Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT4610AIJS-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SmartSwitch™
AAT4610A
Current Limited Load Switch
4610A.2006.9.1.3
1
General Description
The AAT4610A SmartSwitch is a current limited P-
channel MOSFET power switch designed for high-
side load switching applications. This switch oper-
ates with inputs ranging from 2.4V to 5.5V, making it
ideal for both 3V and 5V systems. An integrated
current-limiting circuit protects the input supply
against large currents which may cause the supply
to fall out of regulation. The AAT4610A is also pro-
tected from thermal overload which limits power dis-
sipation and junction temperatures. It can be used
to control loads that require up to 1A. Current limit
threshold is programmed with a resistor from SET to
ground. The quiescent supply current is typically a
low 9µA. In shutdown mode, the supply current
decreases to less than 1µA.
The AAT4610A is available in a Pb-free 5-pin
SOT23 or 8-pin SC70JW package and is specified
over the -40°C to +85°C temperature range.
Features
•
Input Voltage Range: 2.4V to 5.5V
•
Programmable Over-Current Threshold
•
Fast Transient Response:
— 400ns Response to Short Circuit
•
Low Quiescent Current
— 9µA Typical
— 1µA Max with Switch Off
•
145m
Ω Typical RDS(ON)
•
Only 2.5V Needed for ON/OFF Control
•
Under-Voltage Lockout
•
Thermal Shutdown
•
4kV ESD Rating
•
UL Approved—File No. E217765
•
5-Pin SOT23 or 8-Pin SC70JW Package
•
Temperature Range: -40°C to +85°C
Applications
•
Hot Swap Supplies
•
Notebook Computers
•
Peripheral Ports
•
Personal Communication Devices
UL Recognized Component
Typical Application
AAT4610A
ON/(ON)
IN
SET
INPUT
GND
GND
GND
OUT
SOT23-5
OUTPUT
ON (ON)
0.47
μF
RSET
1
μF


Similar Part No. - AAT4610AIJS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610AIJS-T1 ANALOGICTECH-AAT4610AIJS-T1 Datasheet
224Kb / 12P
Current Limited Load Switch
AAT4610AIJS-T1 ANALOGICTECH-AAT4610AIJS-T1 Datasheet
191Kb / 11P
Current Limited Load Switch
logo
Skyworks Solutions Inc.
AAT4610AIJS-T1 SKYWORKS-AAT4610AIJS-T1 Datasheet
1Mb / 11P
Current Limited Load Switch
May 3, 2012
More results

Similar Description - AAT4610AIJS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618_06 Datasheet
251Kb / 11P
Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com