Electronic Components Datasheet Search
  English  ▼

X  

AAT4610AIJS-T1 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIJS-T1
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIJS-T1 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT4610AIJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4610AIJS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AAT4610A
Current Limited Load Switch
4610A.2006.9.1.3
9
ILIM RSET product found in the chart "RSET
Coefficient vs. ILIM." The maximum current is
derived by multiplying the typical current for the
chosen RSET in the chart by 1.25. A few standard
resistor values are listed in the table "Current Limit
RSET Values."
Current Limit RSET Values
Example: A USB port requires 0.5A. 0.5A multiplied
by 1.33 is 0.665A. From the chart named "RSET vs.
ILIM," RSET should be less than 11kΩ. 10.5kΩ is a
standard value that is a little less than 11k
Ω but
very close. The chart reads approximately 0.700A
as a typical ILIM value for 10.5kΩ. Multiplying
0.700A by 0.75 and 1.25 shows that the AAT4610A
will limit the load current to greater than 0.525A but
less than 0.875A.
Operation in Current Limit
When a heavy load is applied to the output of the
AAT4610A, the load current is limited to the value of
ILIM determined by RSET. See Figure 2, "Overload
Operation." Since the load is demanding more cur-
rent than ILIM, the voltage at the output drops. This
causes the AAT4610A to dissipate a larger than nor-
mal quantity of power, and its die temperature to
increase. When the die temperature exceeds an
over-temperature limit, the AAT4610A will shut down
until is has cooled sufficiently, at which point it will
startup again. The AAT4610A will continue to cycle on
and off until the load is removed, power is removed,
or until a logic high level is applied to ON.
Enable Input
In many systems, power planes are controlled by
integrated circuits which run at lower voltages than
the power plane itself. The enable input ON of the
AAT4610A has low and high threshold voltages
that accommodate this condition. The threshold
voltages are compatible with 5V TTL and 2.5V to
5V CMOS.
Reverse Voltage
The AAT4610A is designed to control current flowing
from IN to OUT. If a voltage is applied to OUT which
is greater than the voltage on IN, large currents may
flow. This could cause damage to the AAT4610A.
Current Device Will Device Always
Limit
Not Current Current Limits
RSET
Typ
Limit Below
Below
(k
Ω
Ω)
(mA)
(mA)
(mA)
40.2
200
150
250
30.9
250
188
313
24.9
300
225
375
22.1
350
263
438
19.6
400
300
500
17.8
450
338
563
16.2
500
375
625
14.7
550
413
688
13.0
600
450
750
10.5
700
525
875
8.87
800
600
1000
7.50
900
675
1125
6.81
1000
750
1250
6.04
1100
825
1375
5.49
1200
900
1500
4.99
1300
975
1625
4.64
1400
1050
1750
Figure 2: Overload Operation.
0
1
2
3
4
5
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.25
0.5
0.75
1
Output Current
Output Voltage
1
Ω load is turned on at time = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com