Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 69 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 69 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 65Page - Intel Corporation DH61WW Datasheet HTML 66Page - Intel Corporation DH61WW Datasheet HTML 67Page - Intel Corporation DH61WW Datasheet HTML 68Page - Intel Corporation DH61WW Datasheet HTML 69Page - Intel Corporation DH61WW Datasheet HTML 70Page - Intel Corporation DH61WW Datasheet HTML 71Page - Intel Corporation DH61WW Datasheet HTML 72Page - Intel Corporation DH61WW Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Error Messages and Beep Codes
69
Table 38. Port 80h POST Codes (continued)
Port 80 Code
Progress Code Enumeration
PEIMs/Recovery
0x31
Crisis Recovery has initiated
0x33
Loading recovery capsule
0x34
Start recovery capsule / valid capsule is found
CPU Initialization
CPU PEI Phase
0x41
Begin CPU PEI Init
0x42
XMM instruction enabling
0x43
End CPU PEI Init
CPU PEI SMM Phase
0x44
Begin CPU SMM Init smm relocate bases
0x45
Smm relocate bases for APs
0x46
End CPU SMM Init
CPU DXE Phase
0x47
CPU DXE Phase begin
0x48
Refresh memory space attributes according to MTRRs
0x49
Load the microcode if needed
0x4A
Initialize strings to HII database
0x4B
Initialize MP support
0x4C
CPU DXE Phase End
CPU DXE SMM Phase
0x4D
CPU DXE SMM Phase begin
0x4E
Relocate SM bases for all APs
0x4F
CPU DXE SMM Phase end
I/O Buses
0x50
Enumerating PCI buses
0x51
Allocating resources to PCI bus
0x52
Hot Plug PCI controller initialization
USB
0x58
Resetting USB bus
0x59
Reserved for USB
ATA/ATAPI/SATA
0x5A
Resetting PATA/SATA bus and all devices
0x5B
Reserved for ATA
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com