Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 44 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 44 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 40Page - Intel Corporation DH61WW Datasheet HTML 41Page - Intel Corporation DH61WW Datasheet HTML 42Page - Intel Corporation DH61WW Datasheet HTML 43Page - Intel Corporation DH61WW Datasheet HTML 44Page - Intel Corporation DH61WW Datasheet HTML 45Page - Intel Corporation DH61WW Datasheet HTML 46Page - Intel Corporation DH61WW Datasheet HTML 47Page - Intel Corporation DH61WW Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
Intel Desktop Board DH61WW Technical Product Specification
44
2.2.2.1
Signal Tables for the Connectors and Headers
Table 11. TPM Header
Pin
Signal Name
Pin
Signal Name
1
CK_33M_TPM_DIP
2
Ground
3
LFRAME#
4
Key (no pin)
5
PLTRST#
6
No connection
7
LAD3
8
LAD2
9
+3.3 V
10
LAD1
11
LAD0
12
Ground
13
No connection
14
No connection
15
+3.3 VSB
16
TPM_SERRQ
17
Ground
18
TPM_CLKRUN#
19
LPCPD#
20
No connection
Table 12. Serial Port Header
Pin
Signal Name
Pin
Signal Name
1
DCD (Data Carrier Detect)
2
RXD# (Receive Data)
3
TXD# (Transmit Data)
4
DTR (Data Terminal Ready)
5
Ground
6
DSR (Data Set Ready)
7
RTS (Request To Send)
8
CTS (Clear To Send)
9
RI (Ring Indicator)
10
Key (no pin)
Table 13. S/PDIF Header
Pin
Signal Name
1
Ground
2
S/PDIF out
3
Key (no pin)
3
+5V_DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com