Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 3 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 3 Page - Intel Corporation

  DH61WW Datasheet HTML 1Page - Intel Corporation DH61WW Datasheet HTML 2Page - Intel Corporation DH61WW Datasheet HTML 3Page - Intel Corporation DH61WW Datasheet HTML 4Page - Intel Corporation DH61WW Datasheet HTML 5Page - Intel Corporation DH61WW Datasheet HTML 6Page - Intel Corporation DH61WW Datasheet HTML 7Page - Intel Corporation DH61WW Datasheet HTML 8Page - Intel Corporation DH61WW Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
iii
Board Identification Information
Basic Desktop Board DH61WW Identification Information
AA Revision
BIOS Revision
Notes
G23116-202
BEH6110H.86A.0016
1,2
G23116-203
BEH6110H.86A.0016
1,2
Notes:
1. The AA number is found on a small label on the component side of the board.
2. The H61 chipset used on this AA revision consists of the following component:
Device
Stepping
S-Spec Numbers
82H61
B3
SLJ4B
Specification Changes or Clarifications
The table below indicates the Specification Changes or Specification Clarifications that
apply to the Intel® Desktop Board DH61WW.
Specification Changes or Clarifications
Date
Type of Change
Description of Change or Clarification
May 2011
Spec Clarifications
•
The Intel H61 Express Chipset does not support RAID.
The following sections of this manual have been updated:
― Reference to RAID in Table 1. Feature Summary has
been deleted
― Section 1.9.1.1 Serial ATA RAID has been deleted
― Section 1.9.1.2 Intel® Rapid Recover Technology has
been deleted
― The Caution in Section 3.1 Introduction has been
deleted
•
The maximum memory supported changed from 16 GB to
8 GB in the following sections of this manual:
― Table 1. Feature Summary
― Section 1.6 System Memory
― Section 2.1.1 Addressable Memory
― Figure 8. Detailed System Memory Address Map
― Error! Reference source not found.
•
The Korean Certification mark has changed. The following
sections of this manual have been updated:
― Section 5.1.4 EMC Regulations. The Korean Class B
Statement translation has been updated.
― Section 5.1.6 Regulatory Compliance Marks (Board
Level). The new Korean Certification mark has been
added.
March 2012
Spec Clarification
Updated maximum memory supported from 8 GB to 16 GB
June 2012
Spec Clarification
Added additional supported memory to Table 3 and
corrected a typo in Table 9.
May 2013
Spec Clarification
Added ENERGY STAR Note to Section 5.1.5.
July 2013
Spec Clarification
Deleted reference to ENERGY STAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com