Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 49 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 49 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 45Page - Intel Corporation DH61WW Datasheet HTML 46Page - Intel Corporation DH61WW Datasheet HTML 47Page - Intel Corporation DH61WW Datasheet HTML 48Page - Intel Corporation DH61WW Datasheet HTML 49Page - Intel Corporation DH61WW Datasheet HTML 50Page - Intel Corporation DH61WW Datasheet HTML 51Page - Intel Corporation DH61WW Datasheet HTML 52Page - Intel Corporation DH61WW Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Technical Reference
49
2.2.2.4.2
Reset Switch Header
Pins 5 and 7 can be connected to a momentary single pole, single throw (SPST) type
switch that is normally open. When the switch is closed, the board resets and runs the
POST.
2.2.2.4.3
Power LED Header
Pins 2 and 4 can be connected to a one- or two-color LED. Table 23 shows the default
states for this LED. More options are available through BIOS setup.
Table 23. States for a One-Color Power LED
LED State
Description
Off
Power off/sleeping
Steady Lit
Running
Blink
Standby
2.2.2.4.4
Power Switch Header
Pins 6 and 8 can be connected to a front panel momentary-contact power switch. The
switch must pull the SW_ON# pin to ground for at least 50 ms to signal the power
supply to switch on or off. (The time requirement is due to internal debounce circuitry
on the board.) At least two seconds must pass before the power supply will recognize
another on/off signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com