Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 21 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 21 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 17Page - Intel Corporation DH61WW Datasheet HTML 18Page - Intel Corporation DH61WW Datasheet HTML 19Page - Intel Corporation DH61WW Datasheet HTML 20Page - Intel Corporation DH61WW Datasheet HTML 21Page - Intel Corporation DH61WW Datasheet HTML 22Page - Intel Corporation DH61WW Datasheet HTML 23Page - Intel Corporation DH61WW Datasheet HTML 24Page - Intel Corporation DH61WW Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Product Description
21
1.8
USB
The board supports up to six USB 2.0 ports. The port arrangement is as follows:
•
Four USB 2.0 ports are implemented with stacked back panel connectors (black)
•
Two USB 2.0 front panel ports are implemented through one dual-port internal
header
All six USB ports are high-speed, full-speed, and low-speed capable.
NOTE
Computer systems that have an unshielded cable attached to a USB port may not meet
FCC Class B requirements, even if no device is attached to the cable. Use a shielded
cable that meets the requirements for full-speed devices.
For information about
Refer to
The location of the USB connectors on the back panel
Figure 9, page 41
The location of the front panel USB headers
Figure 10, page 42
1.9
SATA Interfaces
The board provides four 3 Gb/s SATA connectors, which support one device per
connector.
The underlying SATA functionality is transparent to the operating system. The SATA
controller can operate in both legacy and native modes. In legacy mode, standard IDE
I/O and IRQ resources are assigned (IRQ 14 and 15). In Native mode, standard PCI
Conventional bus resource steering is used. Native mode is the preferred mode for
configurations using the Windows* XP, Windows Vista*, and Windows 7* operating
systems.
For more information, see: http://www.serialata.org/.
For information about
Refer to
The location of the SATA connectors
Figure 10, page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com