Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 34 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 34 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 30Page - Intel Corporation DH61WW Datasheet HTML 31Page - Intel Corporation DH61WW Datasheet HTML 32Page - Intel Corporation DH61WW Datasheet HTML 33Page - Intel Corporation DH61WW Datasheet HTML 34Page - Intel Corporation DH61WW Datasheet HTML 35Page - Intel Corporation DH61WW Datasheet HTML 36Page - Intel Corporation DH61WW Datasheet HTML 37Page - Intel Corporation DH61WW Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Intel Desktop Board DH61WW Technical Product Specification
34
1.16.2
Hardware Support
CAUTION
Ensure that the power supply provides adequate +5 V standby current if LAN wake
capabilities and Instantly Available PC technology features are used. Failure to do so
can damage the power supply. The total amount of standby current required depends
on the wake devices supported and manufacturing options.
The board provides several power management hardware features, including:
•
Power connector
•
Fan headers
•
LAN wake capabilities
•
Instantly Available PC technology
•
Wake from USB
•
PME# signal wake-up support
•
WAKE# signal wake-up support
•
Wake from serial port
•
Wake from PS/2
•
+5 V Standby Power Indicator LED
LAN wake capabilities and Instantly Available PC technology require power from the
+5 V standby line.
NOTE
The use of Wake from USB from an ACPI state requires an operating system that
provides full ACPI support.
1.16.2.1 Power Connector
ATX12V-compliant power supplies can turn off the system power through system
control. When an ACPI-enabled system receives the correct command, the power
supply removes all non-standby voltages.
When resuming from an AC power failure, the computer returns to the power state it
was in before power was interrupted (on or off). The computer’s response can be set
using the Last Power State feature in the BIOS Setup program’s Boot menu.
For information about
Refer to
The location of the main power connector
Figure 10, page 42
The signal names of the main power connector
Table 21, page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com