Electronic Components Datasheet Search
  English  ▼

X  

DH61WW Datasheet(PDF) 54 Page - Intel Corporation

Part # DH61WW
Description  Intel® Desktop Board
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DH61WW Datasheet(HTML) 54 Page - Intel Corporation

Back Button DH61WW Datasheet HTML 50Page - Intel Corporation DH61WW Datasheet HTML 51Page - Intel Corporation DH61WW Datasheet HTML 52Page - Intel Corporation DH61WW Datasheet HTML 53Page - Intel Corporation DH61WW Datasheet HTML 54Page - Intel Corporation DH61WW Datasheet HTML 55Page - Intel Corporation DH61WW Datasheet HTML 56Page - Intel Corporation DH61WW Datasheet HTML 57Page - Intel Corporation DH61WW Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Intel Desktop Board DH61WW Technical Product Specification
54
2.5
Electrical Considerations
2.5.1
Power Supply Considerations
CAUTION
The +5 V standby line from the power supply must be capable of providing adequate
+5 V standby current. Failure to do so can damage the power supply. The total
amount of standby current required depends on the wake devices supported and
manufacturing options.
Additional power required will depend on configurations chosen by the integrator.
The power supply must comply with the indicated parameters of the ATX form factor
specification.
•
The potential relation between 3.3 VDC and +5 VDC power rails
•
The current capability of the +5 VSB line
•
All timing parameters
•
All voltage tolerances
For example, for a system consisting of a supported 95 W processor (see Section 1.4
on page 16 for information on supported processors), 2 GB DDR3 RAM, one high end
video card, one hard disk drive, one optical drive, and all board peripherals enabled,
the minimum recommended power supply is 460 W. Table 26 lists the recommended
power supply current values.
Table 26. Recommended Power Supply Current Values
Output Voltage
3.3 V
5 V
12 V1
12 V2
-12 V
5 VSB
Current
22 A
20 A
16 A
16 A
0.3 A
1.5 A
For information about
Refer to
Selecting an appropriate power supply
http://www.intel.com/support/motherboards/desktop/sb/C
S-026472.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com