Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 9Page - ATMEL Corporation ATA5745 Datasheet HTML 10Page - ATMEL Corporation ATA5745 Datasheet HTML 11Page - ATMEL Corporation ATA5745 Datasheet HTML 12Page - ATMEL Corporation ATA5745 Datasheet HTML 13Page - ATMEL Corporation ATA5745 Datasheet HTML 14Page - ATMEL Corporation ATA5745 Datasheet HTML 15Page - ATMEL Corporation ATA5745 Datasheet HTML 16Page - ATMEL Corporation ATA5745 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
The ATA5745/ATA5746 can also receive FSK and ASK modulated signals if they are much
higher than the I1dBCP. It can typically receive useful signals at –10 dBm. This is often referred
to as the nonlinear dynamic range (that is, the maximum to minimum receiving signal), and is
95 dB for 10 Kbits/s Manchester (FSK). This value is useful if the transmitter and receiver are
very close to each other.
2.7
In-band Disturbers, Data Filter, Quasi-peak Detector, Data Slicer
If a disturbing signal falls into the received band, or if a blocker is not a continuous wave, the
performance of a receiver strongly depends on the circuits after the IF filter. Hence, the demod-
ulator, data filter, and data slicer are important.
The data filter of the ATA5745/ATA5746 functions also as a quasi-peak detector. This results in a
good suppression of above mentioned disturbers and exhibits a good carrier-to-noise perfor-
mance. The required useful-signal-to-disturbing-signal ratio, at a BER of 10–3, is less than 14 dB
in ASK mode and less than 3 dB (BR_Range_0 to BR_Range_2) and 6 dB (BR_Range_3) in
FSK mode. Due to the many different possible waveforms, these numbers are measured for the
signal, as well as for disturbers, with peak amplitude values. Note that these values are
worst-case values and are valid for any type of modulation and modulating frequency of the dis-
turbing signal, as well as for the receiving signal. For many combinations, lower
carrier-to-disturbing-signal ratios are needed.
2.8
RSSI Output
The output voltage of the pin RSSI is an analog voltage, proportional to the input power level.
Using the RSSI output signal, the signal strength of different transmitters can be distinguished.
The usable dynamic range of the RSSI amplifier is 65 dB, the input power range P(RF
IN) is
–110 dBm to –45 dBm, and the gain is 15 mV/dB. Figure 2-9 shows the RSSI characteristic of a
typical device at 315 MHz with VS3V_AVCC = VS5V = 2.7V to 3.3V and T
amb = –40°C to
+105°C with a matched input as shown in Table 2-2 and Figure 2-1 on page 6. At 433.92 MHz,
1 dB more signal level is needed for the same RSSI results.
Figure 2-9.
Typical RSSI Characteristic at 315 MHz Versus Temperature and Supply Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Pin (dBm)
max; +9dB
2.7V, -40˚C
3.0V, -40˚C
3.3V, -40˚C
2.7V, 27˚C
3.0V, 27˚C
3.3V, 27˚C
2.7V, 105˚C
3.0V, 105˚C
3.3V, 105˚C
min; -9dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com